Part Number Hot Search : 
SGP30 F10A40 RT9288A LHV43 UN2115Q G1V22C 10052031 MAX31913
Product Description
Full Text Search
 

To Download MTN20N20F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 1/11 MTN20N20F3 cystek product specification n-channel enhancement mode power mosfet MTN20N20F3 description the MTN20N20F3 is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. the to-263 package is universally preferred for all commercial-industrial applications features ? bv dss =200v ? low on resistance ? simple drive requirement ? fast switching characteristic ? rohs compliant package symbol outline MTN20N20F3 to-263 g gate d drain s source bv dss : 200v r ds(on) : 90m (typ.) i d : 20a g d s
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 2/11 MTN20N20F3 cystek product specification absolute maximum ratings (t c =25 c) parameter symbol limits unit drain-source voltage v ds 200 v gate-source voltage v gs 20 v continuous drain current i d 20* a continuous drain current @t c =100c i d 12* a pulsed drain current @ v gs =10v (note 1) i dm 80* a single pulse avalanche energy (note 2) e as 107 mj avalanche current (note 1) i ar 20 a repetitive avalanche energy (note 1) e ar 14 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns w total power dissipation (t c =25 ) linear derating factor p d 140 1.12 w/ c operating junction and storage temperature tj, tstg -55~+150 c *drain current limited by maximum junction temperature note : 1 . repetitive rating; pulse width limited by maximum junction temperature. 2 . i as =20a, v dd =50v, l=0.1mh, r g =25 , starting t j =+25 . 3. i sd 20a, di/dt 100a/ s, v dd bv dss , starting t j =+25 . thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 0.89 c/w thermal resistance, junction-to-ambient, max* r th,j-a 40 c/w thermal resistance, junction-to-ambient, max r th,j-a 62.5 c/w *when mounted on the minimum pad size (pcb mount).
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 3/11 MTN20N20F3 cystek product specification characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 200 - - v v gs =0, i d =250 a, tj=25 ? bv dss / ? tj - 0.25 - v/ c reference to 25c, i d =250 a v gs(th) 2.0 - 4.0 v v ds = v gs , i d =250 a *g fs - 18 - s v ds =15v, i d =10a i gss - - 100 na v gs = 20 - - 1 v ds =200v, v gs =0 i dss - - 10 a v ds =160v, v gs =0, tj=125 c *r ds(on) - 90 150 m v gs =10v, i d =10a dynamic *qg - 75 - *qgs - 18 - *qgd - 30 - nc i d =20a, v ds =160v, v gs =10v *t d(on) - 50 - *tr - 210 - *t d(off) - 120 - *t f - 180 - ns v ds =100v, i d =20a, v gs =10v, r g =5 ciss - 4500 - coss - 230 - crss - 185 - pf v gs =0v, v ds =25v, f=1mhz source-drain diode *i s - - 20 *i sm - - 80 a *v sd - - 1.5 v i s =20a, v gs =0v *trr - 230 - ns *qrr - 1.2 - c v gs =0, i f =20a, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping MTN20N20F3 to-263 (rohs compliant) 800 pcs/ tape & reel
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 4/11 MTN20N20F3 cystek product specification typical characteristics static drain-source on-state resistance vs drain current 80 90 100 110 120 0.1 1 10 100 drain current-i d (a) static drain-source on-state resistance-r ds(on) (m) v gs =10v static drain-source on-resistance vs ambient temperature 0 0.5 1 1.5 2 2.5 3 3.5 -100 -50 0 50 100 150 200 ambient temperature-ta(c) static drain-source on-state resistance-rds(on)() id=3a, vgs=10v static drain-source on-state resistance vs gate-source voltage 0 50 100 150 200 250 300 350 400 450 500 4681 0 1 2 body diode forward voltage variation vs source current and temperature 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 source drain voltage -v sd (v) reverse drain current-i dr (a) v gs =0v ta=25c ta=150c ta=25c i d =10a gate-source voltage-v gs (v) static drain-source on-state resistance-r ds( on) (m) capacitance vs reverse voltage 100 1000 10000 0 5 10 15 20 25 30 drain-to-source voltage-v ds (v) capacitance-(pf) ciss coss crss f=1mhz brekdown voltage vs ambient temperature 200 220 240 260 280 300 -100 -50 0 50 100 150 200 ambient temperature-tj(c) drain-source breakdown voltage bv dss (v) i d =250a, v gs =0v
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 5/11 MTN20N20F3 cystek product specification typical characteristics(cont.) maximum safe operating area 0.01 0.1 1 10 100 1 10 100 1000 drain-source voltage -v ds (v) drain current --- i d (a) operation in this area is limited by rds(on) dc 10ms 100ms 1ms 100 s 10 single pulse tc=25c; tj=150c gate charge characteristics 0 2 4 6 8 10 12 0 50 100 total gate charge---qg(nc) gate-source voltage---v gs (v) i d =20a v ds =40v v ds =100v v ds =160v maximum drain current vs case temperature 0 5 10 15 20 25 25 50 75 100 125 150 175 case temperature---t c (c) maximum drain current---i d (a)
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 6/11 MTN20N20F3 cystek product specification typical characteristics(cont.) transient thermal response curves 0.001 0.01 0.1 1 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 t 1 , square wave pulse duration(s) z jc (t), thermal response single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.z jc (t)=0.89c/w max. 2.duty factor, d=t 1 /t 2 3.t jm -t c =p dm *z jc (t)
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 7/11 MTN20N20F3 cystek product specification test circuit and waveforms
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 8/11 MTN20N20F3 cystek product specification test circuit and waveforms(cont.)
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 9/11 MTN20N20F3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 10/11 MTN20N20F3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c801f3 issued date : 2010.05.18 revised date : page no. : 11/11 MTN20N20F3 cystek product specification to-263 dimension style : pin 1.gate 2.drain 3.source 3-lead plastic surface mounted package cystek package code : f3 marking : 20n20 device name date code *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.3800 0.4050 9.65 10.29 i 0.0500 0.0700 1.27 1.78 b 0.3300 0.3700 8.38 9.40 j - *0.1000 - *2.54 c - 0.0550 - 1.40 k 0.0450 0.0550 1.14 1.40 d 0.5750 0.6250 14.61 15.88 l 0.0200 0.0390 0.51 0.99 e 0.1600 0.1900 4.06 4.83 1 - - 6 8 f 0.0450 0.0550 1.14 1.40 2 - - 6 8 g 0.0900 0.1100 2.29 2.79 3 - - 0 5 h 0.0180 0.0290 0.46 0.74 notes : 1.controlling dimension : millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material : ? lead : pure tin plated. ? mold compound : epoxy resin family, flammability solid burning class:ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . a b c d 123 k l j g h e f 2 1 2 3 i


▲Up To Search▲   

 
Price & Availability of MTN20N20F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X